Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHS49 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UHS49
Description  LINEAR HALL EFFECT SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UHS49 Datasheet(HTML) 1 Page - Unisonic Technologies

  UHS49 Datasheet HTML 1Page - Unisonic Technologies UHS49 Datasheet HTML 2Page - Unisonic Technologies UHS49 Datasheet HTML 3Page - Unisonic Technologies UHS49 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UHS49
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-022.a
LINEAR HALL EFFECT
SENSOR
DESCRIPTION
UTC UHS49 Linear Hall-effect sensor is small, versatile linear
Hall-effect device that is operated by the magnetic field from a
permanent magnet or an electromagnet. The linear sourcing output
voltage is set by the supply voltage and varies in proportion to the
strength of the magnetic field. The IC features low noise output,
which makes it unnecessary to use external filtering. It also
includes thin film resistors to provide increased temperature
stability and accuracy. The linear Hall sensor can be used for Motor
control, Magnetic code reading, Ferrous metal detector,Current
sensing and Position sensing .
FEATURES
* Low-Noise Output
* 4.5 V ~ 6 V Operation
* Magnetically Optimized Package
* Miniature construction
* Linear output for circuit design flexibility
* Wide ambient temperature range: -40°C ~ +85°C
SIP-3
1
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UHS49G-G03-B
SIP-3
I
G
O
Tape Box
UHS49G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VDD G: GND
O: VOUT
MARKING


Similar Part No. - UHS49

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
94Kb / 4P
LINEAR HALL EFFECT SENSOR
UHS49G-G03-B UTC-UHS49G-G03-B Datasheet
94Kb / 4P
LINEAR HALL EFFECT SENSOR
UHS49G-G03-K UTC-UHS49G-G03-K Datasheet
94Kb / 4P
LINEAR HALL EFFECT SENSOR
UHS49 UTC-UHS49_16 Datasheet
94Kb / 4P
LINEAR HALL EFFECT SENSOR
More results

Similar Description - UHS49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS1302 SECELECTRONICS-SS1302_13 Datasheet
141Kb / 4P
Linear Hall Effect Sensor
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com