Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONREVSMA014-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA014-R178
Description  RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA014-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA014-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
A Add heat shrink, new frame, revised stripping instruct./dims
4/26/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Spacer
Teflon
Teflon
O Ring
Rubber
Si Rubber
Washer
Nickel
Brass
Nut
Nickel
Brass
Support
Nickel
Brass
Heat Shrink
Black
Polyolefin
Brass
BE CU
CONREVSMA014-R178
RP-SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG178 CABLE
CJ
4/26/10
0.197
(5.00)
0.032
(0.80)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.217
(5.50)
RG-178 Cable
Ø0.256
(6.50)
0.236
(6.00)
RECOMMENDED
MOUNTING HOLE
0.065
(1.65)
1/4-36UNS-2B
THREADS
H0.315
(8.00)
0.020
(0.50)
Ø0.402
(10.20)
0.433
(11.00)
FLAT 0.228
(5.80)
0.197
(5.00)
0.248
(6.30)
0.083
(2.10)
0.417
(10.60)
0.748
(19.00)
FLAT 0.228
(5.80)
Ø0.102
(2.60)
Ø0.236
(6.00)
H0.433
(11.00)
1/4"-36UNS-2A
THREADS
CONREVSMA014-R178 ASSEMBLY INSTRUCTIONS
1. Strip the cable to the recommended dimensions.
2. Slide the coax into the support until the outside insulation bottoms out
against the inside shoulder of the support.
3. Solder the support onto the braid.
4. Place the spacer onto the center conductor.
5. Solder or crimp the pin onto the center conductor.
6. Insert the pin, center conductor, spacer, and support into the body
until the top of the pin is flush to end of the body.
7. Crimp the tail of the body onto the support with a 0.093” hex crimp tool.
SPACER
SUPPORT
SIDE VIEW
BACK VIEW
WASHER
NUT
HEAT SHRINK
0.787
(20.00)
Ø0.118
(3.00)
Ø0.049
(1.24)
0.500
(12.70)
Ø0.020
(0.50)
PIN


Similar Part No. - CONREVSMA014-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA014-C08.5 ETC2-CONREVSMA014-C08.5 Datasheet
124Kb / 1P
RPSMA FEMALE BULKHEAD MOUNT WITH O-RING & 8.5" OF RG174 CABLE
logo
Linx Technologies
CONREVSMA014-C08.5 LINX-CONREVSMA014-C08.5 Datasheet
124Kb / 1P
RPSMA FEMALE BULKHEAD MOUNT WITH O-RING & 8.5" OF RG174 CABLE
6/1/2006
More results

Similar Description - CONREVSMA014-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA014 ETC2-CONREVSMA014 Datasheet
187Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONREVSMA015 ETC2-CONREVSMA015 Datasheet
142Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA015 ETC2-CONSMA015 Datasheet
261Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
CONREVSMA005-G LINX-CONREVSMA005-G Datasheet
383Kb / 2P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com