Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA005-R58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA005-R58
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA005-R58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA005-R58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA FEMALE BULKHEAD MOUNT
CABLE END CRIMP FOR RG58 CABLE
RECOMMENDED
MOUNTING HOLE
∅0.254
(6.50)
0.234
(6.00)
0.276
(7.00)
0.268
(6.80)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.134
(3.40)
RG-58 Cable
CONREVSMA005-R58 ASSEMBLY INSTRUCTIONS
1.
Insert the center conductor through the retaining nut, shield sleeve, and spacer.
2.
Solder the pin to the center conductor.
3.
Insert the pin into the pin insulator, then screw the main body onto the retaining nut.
4.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
5.
Use the shrink wrap to cover the crimp ring.
6.
Use the nut and washer to secure the connector to a case.
PIN INSULATOR
SHRINK WRAP
CRIMP RING
RETAINING NUT
SHIELD SLEEVE
SPACER
SOCKET
MAIN BODY
WASHER
NUT
STRIPPED CABLE
Description
Material
Finish
Nut
Washer
Main Body
Nickel
Nickel
Nickel
Brass
Brass
Brass
Pin Insulator
Teflon
Teflon
Socket
Gold
BE CU
Spacer
Teflon
Teflon
Shield Sleeve
Nickel
Brass
Retaining Nut
Nickel
Brass
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA005-R58
1.0
INCHES (mm)
5/29/2007
Ø0.402
(10.20)
0.020
(0.50)
0.065
(1.65)
1/4-36UNS-2B
THREADS
H8
0.446
(11.40)
0.636
(16.30)
0.996
(25.30)
0.276
(7.00)
∅0.177
(4.50)
1/4-36UNS-2A
THREADS
SIDE VIEW
WASHER
NUT
0.354
(9.00)
∅0.049
(1.24)
SOCKET
0.500
(12.70)
Ø0.256
(6.50)
CRIMP RING


Similar Part No. - CONSMA005-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONSMA005-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA011-R58 ETC2-CONREVSMA011-R58 Datasheet
155Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONREVSMA005-G LINX-CONREVSMA005-G Datasheet
383Kb / 2P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com