Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA007
Description  SMA MALE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA007 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA MALE CABLE END
CRIMP FOR RG174 CABLE
0.217
(5.50)
0.039
(1.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.098
(2.50)
RG-174 Cable
1.
Solder the pin to the center conductor.
2.
Insert the pin, center conductor, and insulator into the body
until the top of the pin is even with the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
0.137" hex crimp tool (or one labeled for use with RG-174 cable)
CONSMA007 ASSEMBLY INSTRUCTIONS
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
Brass
Washer
PH Bronze
Gold
Gasket
Rubber
SI Rubber
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA007
1.0
INCHES (mm)
6/2/2006
0.339
(8.60)
0.106
(2.70)
Ø0.035
(0.90)
Ø0.049
(1.25)
Ø0.024
(0.60)
1/4-36UNF-2B
THREADS
Ø0.102
(2.60)
0.577
(14.65)
0.197
(5.00)
H0.311
(7.90)
0.276
(7.00)
SIDE VIEW
PIN
CRIMP RING
Ø0.154
(3.90)


Similar Part No. - CONSMA007

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA007-G LINX-CONSMA007-G Datasheet
329Kb / 2P
SMA MALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
logo
List of Unclassifed Man...
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONSMA007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007 ETC2-CONREVMCX007 Datasheet
159Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONSMA012 ETC2-CONSMA012 Datasheet
259Kb / 1P
SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com