Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA007-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA007-R178
Description  SMA MALE CABLE END CRIMP FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA007-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA007-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA MALE CABLE END
CRIMP FOR RG178 CABLE
0.254
(6.50)
0.177
(4.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-178 Cable
1. Strip the cable to the recommended dimensions.
2. Solder the support onto the braid.
3. Place the spacer onto the center conductor.
4. Solder or crimp the pin onto the center conductor.
5. Insert the pin, center conductor, spacer, and support into the body
until the top of the pin is even with the body.
6. Crimp the tail of the body onto the support with a hex crimp tool.
CONSMA007-R178 ASSEMBLY INSTRUCTIONS
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
BE CU
Washer
PH Bronze
Gold
Gasket
Rubber
SI Rubber
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA007-R178
1.0
INCHES (mm)
6/2/2006
0.197
(5.00)
0.577
(14.65)
Ø0.102
(2.60)
1/4-36UNF-2B
THREADS
H0.311
(7.90)
Spacer
Teflon
Teflon
Support
Gold
Brass
SPACER
SUPPORT
0.335
(8.50)
Ø0.049
(1.25)
0.102
(2.60)
Ø0.035
(0.90)
Ø0.024
(0.60)
SIDE VIEW
PIN


Similar Part No. - CONSMA007-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONSMA007-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX007-R178 ETC2-CONREVMCX007-R178 Datasheet
166Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA012-R178 ETC2-CONREVSMA012-R178 Datasheet
154Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA007 ETC2-CONSMA007 Datasheet
152Kb / 1P
SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R178 ETC2-CONSMA011-R178 Datasheet
259Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com