Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA010
Description  SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA010 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA MALE TO SMA FEMALE
RIGHT ANGLE ADAPTOR
0.31
(8.00)
0.59
(15.00)
S0.28
(7.00)
0.64
(16.20)
0.33
(8.40)
S0.28
(7.00)
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
PH Bronze
Gasket
Rubber
SI Rubber
Washer
Nickel
PH Bronze
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA010
1.0
INCHES (mm)
6/2/2006
1/4-36UNF-2B
THREADS
1/4-36UNF-2B
THREADS
Ø0.307
(7.80)
H0.315
(8.00)
SIDE VIEW


Similar Part No. - CONSMA010

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results

Similar Description - CONSMA010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9068 PASTERNACK-PE9068 Datasheet
250Kb / 3P
SMA Male to SMA Female Right Angle Adapter
logo
List of Unclassifed Man...
ADP-SMAF-SMAF ETC2-ADP-SMAF-SMAF Datasheet
118Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
ADP-SMAM-SMAM ETC2-ADP-SMAM-SMAM Datasheet
127Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Pasternack Enterprises,...
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
SMA Male to SMA Female Right Angle Adapter
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com