Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA011-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA011-R178
Description  SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA011-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA011-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
A New frame; add heat shrink; transpose spacer & support
4/26/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Support
Gold
Brass
Spacer
Teflon
Teflon
Heat Shrink
Black
Polyolefin
Brass
BE CU
CONSMA011-R178
SMA FEMALE CABLE END
CRIMP FOR RG178 CABLE
CJ
4/26/10
CONSMA011-R178 ASSEMBLY INSTRUCTIONS
SPACER
SUPPORT
0.244
(6.20)
Ø0.049
(1.25)
PIN CHUCK
0.2x2x2 GROOVE
0.197
(5.00)
0.571
(14.50)
0.252
(6.40)
0.122
(3.10)
Ø0.102
(2.60)
0.248
(6.30)
1/4-36UNS-2B
THREADS
Ø0.209
(5.30)
1. Strip the cable to the recommended dimensions.
2. Solder the support onto the braid.
3. Place the spacer onto the center conductor.
4. Solder or crimp the socket onto the center conductor.
5. Insert the socket, center conductor, spacer, and support into the body
until the top of the socket is even with the white insulation in the body.
6. Crimp the tail of the body onto the support with a 0.093” hex crimp tool.
SIDE VIEW
SOCKET
HEAT SHRINK
0.787
(20.00)
Ø0.118
(3.00)
0.177
(4.50)
0.033
(0.85)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.098
(2.50)
RG-178 Cable


Similar Part No. - CONSMA011-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONSMA011-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005-R178 ETC2-CONMCX005-R178 Datasheet
182Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA012-R178 ETC2-CONREVSMA012-R178 Datasheet
154Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA014-R178 ETC2-CONREVSMA014-R178 Datasheet
294Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com