Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA014
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA014 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG174 CABLE
0.177
(4.50)
0.138
(3.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.098
(2.50)
RG-174 Cable
1.
Solder the socket to the center conductor.
2.
Insert the socket, center conductor, and insulation into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
0.137" hex crimp tool (or one labeled for use with RG-174 cable).
CONSMA014 ASSEMBLY INSTRUCTIONS
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Brass
Brass
O Ring
Rubber
Si Rubber
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONSMA014
1.0
INCHES (mm)
6/2/2006
CRIMP RING
Ø0.154
(3.90)
0.374
(9.50)
Ø0.256
(6.50)
0.236
(6.00)
RECOMMENDED
MOUNTING HOLE
0.197
(5.00)
0.248
(6.30)
0.083
(2.10)
0.417
(10.60)
0.748
(19.00)
FLAT 0.228
(5.80)
Ø0.102
(2.60)
Ø0.236
(6.00)
H0.433
(11.00)
1/4"-36UNS-2A
THREADS
Crimp Ring
Nickel
Brass
Washer
Nickel
Brass
Nut
Nickel
Brass
SIDE VIEW
0.433
(11.00)
FLAT 0.228
(5.80)
BACK VIEW
0.020
(0.50)
Ø0.402
(10.20)
WASHER
0.065
(1.65)
1/4-36UNS-2B
THREADS
H0.315
(8.00)
NUT
0.354
(9.00)
Ø0.049
(1.24)
Ø0.024
(0.60)
PIN CHUCK
0.2x2x2 GROOVE
Ø0.020
(0.50)
SOCKET


Similar Part No. - CONSMA014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA014-R178 ETC2-CONSMA014-R178 Datasheet
295Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE SMA FEMALE BULKHEAD MOUNT CABLE
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
More results

Similar Description - CONSMA014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA014 ETC2-CONREVSMA014 Datasheet
187Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONREVSMA014-R178 ETC2-CONREVSMA014-R178 Datasheet
294Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
CONREVSMA015 ETC2-CONREVSMA015 Datasheet
142Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA015 ETC2-CONSMA015 Datasheet
261Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
CONSMA015-R178-G LINX-CONSMA015-R178-G Datasheet
375Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP W/O-RING FOR RG-178 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com