Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA014-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA014-R178
Description  SMA FEMALE BULKHEAD MOUNT CABLE SMA FEMALE BULKHEAD MOUNT CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA014-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA014-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
A Add heat shrink, new frame, revised stripping instruct./dims
4/21/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Spacer
Teflon
Teflon
O Ring
Rubber
Si Rubber
Washer
Nickel
Brass
Nut
Nickel
Brass
Support
Nickel
Brass
Heat Shrink
Black
Polyolefin
Brass
BE CU
CONSMA014-R178
SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG178 CABLE
CJ
4/21/10
0.197
(5.00)
0.032
(0.80)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.217
(5.50)
RG-178 Cable
Ø0.256
(6.50)
0.236
(6.00)
RECOMMENDED
MOUNTING HOLE
0.065
(1.65)
1/4-36UNS-2B
THREADS
H0.315
(8.00)
0.020
(0.50)
Ø0.402
(10.20)
0.433
(11.00)
FLAT 0.228
(5.80)
0.197
(5.00)
0.248
(6.30)
0.083
(2.10)
0.417
(10.60)
0.748
(19.00)
FLAT 0.228
(5.80)
Ø0.102
(2.60)
Ø0.236
(6.00)
H0.433
(11.00)
1/4"-36UNS-2A
THREADS
0.354
(9.00)
Ø0.049
(1.24)
Ø0.016
(0.40)
PIN CHUCK
0.2x2x2 GROOVE
Ø0.020
(0.50)
CONSMA014-R178 ASSEMBLY INSTRUCTIONS
1. Strip the cable to the recommended dimensions.
2. Slide the coax into the support until the outside insulation bottoms out
against the inside shoulder of the support.
3. Solder the support onto the braid.
4. Place the spacer onto the center conductor.
5. Solder or crimp the socket onto the center conductor.
6. Insert the socket, center conductor, spacer, and support into the body
until the top of the socket is even with the white insulation in the body.
7. Crimp the tail of the body onto the support with a 0.093” hex crimp tool.
SPACER
SUPPORT
SIDE VIEW
BACK VIEW
WASHER
NUT
SOCKET
HEAT SHRINK
0.787
(20.00)
Ø0.118
(3.00)


Similar Part No. - CONSMA014-R178

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
More results

Similar Description - CONSMA014-R178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3764LF PASTERNACK-PE3764LF Datasheet
138Kb / 1P
CABLE ASSEMBLY PE-SR401A, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE3634 PASTERNACK-PE3634 Datasheet
287Kb / 1P
CABLE ASSEMBLY RG401/U SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE3929LF PASTERNACK-PE3929LF Datasheet
139Kb / 1P
CABLE ASSEMBLY PE-SR047AL SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE33864 PASTERNACK-PE33864 Datasheet
289Kb / 1P
CABLE ASSEMBLY PE-SR402FL SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE33518 PASTERNACK-PE33518 Datasheet
288Kb / 1P
CABLE ASSEMBLY RG402/U SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE3794LF PASTERNACK-PE3794LF Datasheet
297Kb / 1P
CABLE ASSEMBLY SMA FEMALE BULKHEAD
PE3799 PASTERNACK-PE3799 Datasheet
112Kb / 1P
CABLE ASSEMBLY SMA FEMALE BULKHEAD
PE36228 PASTERNACK-PE36228 Datasheet
104Kb / 1P
CABLE ASSEMBLY, RG400/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE35404 PASTERNACK-PE35404 Datasheet
99Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com