Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA015 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA015
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA015 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA015 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.055
(1.40)
Ø0.236
(6.00)
Ø0.358
(9.10)
O-RING
0.374
(9.50)
Ø0.154
(3.90)
CRIMP RING
0.020
(0.50)
Ø0.402
(10.20)
WASHER
0.065
(1.65)
1/4-36UNS-2B
THREADS
H0.315
(8.00)
NUT
0.228
(5.80)
SIDE VIEW
0.083
(2.10)
0.980
(24.90)
0.472
(12.00)
FLAT 0.228
(5.80)
Ø0.102
(2.60)
H0.433
(11.00)
1/4-36UNS-2A
THREADS
1/4-36UNS-2A
THREADS
0.587
(14.90)
Ø0.049
(1.24)
Ø0.024
(0.60)
PIN CHUCK
0.2x2x2 GROOVE
Ø0.020
(0.50)
SOCKET
0.177
(4.50)
0.134
(3.40)
RECOMMENDED CABLE
STRIPPING DIMENSIONS
0.098
(2.50)
RG-174 Cable
1.
Solder the pin to the center conductor or crimp with 0.028” hex crimp tool.
4.
Slide heat shrink tubing over crimp ring and then heat.
2.
Insert the pin, center conductor, and insulation into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
0.128" hex crimp tool (or one labeled for use with RG-174 cable).
CONSMA015 ASSEMBLY INSTRUCTIONS
Ø0.256
(6.50)
0.236
(6.00)
RECOMMENDED
MOUNTING HOLE
HEAT SHRINK TUBING
0.787
(20.00)
Ø0.197
(5.0)
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
B
Add assembly instructions and heat shrink
1/8/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Washer
Nickel
Brass
Crimp Ring
Nickel
Brass
O Ring
Rubber
SI Rubber
Nut
Nickel
Brass
Heat Shrink
Black
Polyolefin
Brass
BE CU
SMA FEMALE BULKHEAD MOUNT CABLE
END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA015
CJ
1/8/10
B


Similar Part No. - CONSMA015

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA015-R178-G LINX-CONSMA015-R178-G Datasheet
375Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP W/O-RING FOR RG-178 CABLE
21/JAN/19
More results

Similar Description - CONSMA015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA014 ETC2-CONREVSMA014 Datasheet
187Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONREVSMA014-R178 ETC2-CONREVSMA014-R178 Datasheet
294Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG178 CABLE
CONREVSMA015 ETC2-CONREVSMA015 Datasheet
142Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONSMA014-R178-G LINX-CONSMA014-R178-G Datasheet
353Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG-178 CABLE
21/JAN/19
CONSMA015-R178-G LINX-CONSMA015-R178-G Datasheet
375Kb / 2P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP W/O-RING FOR RG-178 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com