Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3366G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M3366G-S08-R
Description  3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M3366G-S08-R Datasheet HTML 1Page - Unisonic Technologies M3366G-S08-R Datasheet HTML 2Page - Unisonic Technologies M3366G-S08-R Datasheet HTML 3Page - Unisonic Technologies M3366G-S08-R Datasheet HTML 4Page - Unisonic Technologies M3366G-S08-R Datasheet HTML 5Page - Unisonic Technologies M3366G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M3366
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R124-002.C
3-INPUT VIDEO SWITCH WITH
75Ω DRIVER
DESCRIPTION
The UTC M3366 is a three input integrated video switch
selects one video or audio signal from three input signals.
It contains driver circuit for 75Ω load and is able to connect to
TV monitor.
Its operating supply voltage range is 5 ~ 12V and bandwidth is
10MHz. Crosstalk is 70dB (at 4.43MHz).
The UTC M3366 contains clamp function and it can be
operated while setting DC level fixed in position of the video
signal.
FEATURES
* Operating Voltage 4.75 ~ 13V
* 3 Input- 1 Output
* Internal Driver Circuit for 75Ω lmpedance
* Muting Function available
* Internal Clamp Function
* Low power Dissipation 16.5mA
* Cross-talk 70dB (at 4.43MHz)
* Wide Frequency Range 10MHz (2Vp-p Input)
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M3366L-D08-T
M3366G-D08-T
DIP-8
Tube
-
M3366G-S08-R
SOP-8
Tape Reel
M3366L-D08-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING
DIP-8
SOP-8
UTC
M3366
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
G: Halogen Free
Lot Code


Similar Part No. - M3366G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3366G-S08-R UTC-M3366G-S08-R Datasheet
202Kb / 6P
3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
More results

Similar Description - M3366G-S08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2245 NJRC-NJM2245 Datasheet
200Kb / 5P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
NJM2246 NJRC-NJM2246 Datasheet
200Kb / 5P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER?
NJM2265 NJRC-NJM2265 Datasheet
181Kb / 4P
3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER???
NJM2266 NJRC-NJM2266 Datasheet
178Kb / 4P
3-INPUT VIDEO SUPER IMPOSER WITH 6dB AMPLIFIER????
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
logo
Unisonic Technologies
UTCM3368 UTC-UTCM3368 Datasheet
61Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
M3368 UTC-M3368_11 Datasheet
188Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3368 UTC-M3368_15 Datasheet
188Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com