Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4053G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4053G-S16-R
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4053G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4053G-S16-R Datasheet HTML 1Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 2Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 3Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 4Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 5Page - Unisonic Technologies 4053G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4053
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., LTD
QW-R502-036.E
TRIPLE 2-CHANNEL ANALOG
MULTIPLEXERS/DEMULTIPLEXERS
DESCRIPTION
UTC 4053 is triple 2-channel analog multiplexers/demultiplexers
for application as digitally–controlled analog switches.
The device has three separate digital control inputs and an inhibit
input. It feature low ON impedance and very low OFF leakage
current. Control of analog signals up to the complete supply voltage
range can be achieved.
FEATURES
* Wide Analog Voltage Range: VDD-VEE = 3V~18V.
(Note: VEE must be≦VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an SPDT Switch Effectively.
* Pin to Pin Replacement for CD4053
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
4053L-D16-T
4053G-D16-T
DIP-16
Tube
-
4053G-S16-R
SOP-16
Tape Reel
-
4053G-P16-R
TSSOP-16
Tape Reel
(1) T: Tube, R: Tape Reel
(2) D16: DIP-16, S16: SOP-16, P16: TSSOP-16
(3) L: Lead Free, G: Halogen Free and Lead Free
4053L-D16-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
DIP-16
SOP-16 / TSSOP-16


Similar Part No. - 4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4053G-S16-R UTC-4053G-S16-R Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4053G-S16-R UTC-4053G-S16-R Datasheet
197Kb / 7P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - 4053G-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com