Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL074L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL074L-S14-R
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL074L-S14-R Datasheet HTML 1Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 2Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 3Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 4Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 5Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 6Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 7Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 8Page - Unisonic Technologies TL074L-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R105-005. H
ABSOLUTE MAXIMUM RATINGS (TA=25C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage (Note 1)
VCC
±18
V
Input Voltage (Note 2)
VIN
±15
V
Differential Input Voltage (Note 3)
VI(DIFF)
±30
V
Power Dissipation
PD
680
mW
Output Short-Circuit Duration (Note 4)
Infinite
Operating Temperature
TOPR
-20 ~ +85
C
Storage Temperature
TSTG
-65 ~ 150
C
Notes: 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between Vcc- and Vcc+.
2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
3. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
5. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com