Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL074G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL074G-S14-R
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL074G-S14-R Datasheet HTML 1Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 2Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 3Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 4Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 5Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 6Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 7Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 8Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL074
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R105-005.H
LOW NOISE QUAD J-FET
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC TL074 is a high speed J-FET input quad
operational amplifier. It incorporates well matched, high
voltage J-FET and bipolar transistors in a monolithic
integrated circuit. The device features high slew rates, low
input bias and offset current and low offset voltage
temperature coefficient.
FEATURES
*Low power consumption
*Wide common-mode (up to Vcc+ ) and differential voltage
range
*Low input bias and offset current
*Low noise eN = 15nV /
 Hz(typ)
*Output short-circuit protection
*High input impedance J-FET input stage
*Low harmonic distortion:0.01%(typ)
*Internal frequency compensation
*Latch up free operation
*High slewrate:13V/μs(typ)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TL074L-D14-T
TL074G-D14-T
DIP-14
Tube
TL074L-S14-R
TL074G-S14-R
SOP-14
Tape Reel


Similar Part No. - TL074G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL074G-S14-R UTC-TL074G-S14-R Datasheet
396Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074G-S14-R UTC-TL074G-S14-R Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - TL074G-S14-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_10 Datasheet
396Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com