Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8013G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH8013G-AE3-R
Description  Hall Effect Micro Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8013G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH8013G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8013G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UH8103
Preliminary
BiCMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-513.b
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7
V
Magnetic Flux Density
B
Unlimited
Output current
IOUT
10
mA
Package Power Dissipation
PD
230
mW
Junction Temperature
TJ
150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
---
5.5
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=3V)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
Supply Voltage Range
VDD
Operating
2.5
5.5
V
Supply Current
IDD
Average
5
10
μA
Awake
1.2
2
mA
Sleep
2
8
μA
Output Leakage Current
IOFF
VOUT = 3.5V,
BRPN<B<BRPS
1
μA
Output Low Voltage
VOL
ISINK = 1mA
20
40
mV
Wake up Time
tawake
180
μS
Period
tperiod
60
mS
Duty cycle
d.c.
0.3
%
MAGNETIC CHARACTERISTICS ( TA=25°C, VDD=3V, 1mT=10Gauss )
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operation Points
BOPS
50
75
Gauss
BOPN
-75
-50
Release Points
BRPS
10
35
BRPN
-35
-10
Hysteresis
Bhys
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com