Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5C3257G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US5C3257G-S16-R
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US5C3257G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US5C3257G-S16-R Datasheet HTML 1Page - Unisonic Technologies US5C3257G-S16-R Datasheet HTML 2Page - Unisonic Technologies US5C3257G-S16-R Datasheet HTML 3Page - Unisonic Technologies US5C3257G-S16-R Datasheet HTML 4Page - Unisonic Technologies US5C3257G-S16-R Datasheet HTML 5Page - Unisonic Technologies US5C3257G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US5C3257
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-891.a
QUAD 2:1 MUX/DEMUX BUS
SWITCH
DESCRIPTION
The UTC US5C3257 is a QUAD 2:1 multiplexer/demultiplexer
with low on-resistance and is pinout and function compatible with
the TTL device. Inputs can be connected to outputs with low on
resistance (5Ω) with no additional ground bounce noise or
propagation delay.
FEATURES
* 5Ω switches connect inputs to outputs
* ESD protection on pin
* Near zero propagation delay
* Ultra Low Quiescent Power (0.2µA Typical)
–Ideally suited for notebook applications
* Direct bus connection when switches are ON
* Pin compatible with U74 series logic devices
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US5C3257L-S16-R
US5C3257G-S16-R
SOP-16
Tape Reel
US5C3257L-S16-T
US5C3257G-S16-T
SOP-16
Tube
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - US5C3257G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3257G-S16-R UTC-US5C3257G-S16-R Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
More results

Similar Description - US5C3257G-S16-R

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com