Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2267G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # V2267G-S08-R
Description  DUAL VIDEO 6dB AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  V2267G-S08-R Datasheet HTML 1Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 2Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 3Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 4Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 5Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 6Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 7Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 8Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
V2267
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R124-006.D
TEST CIRCUIT
2
1
3
4
7
8
6
5
VIN1VIN2
GND
V+
VSAG1VSAG2
VOUT1VOUT2
4.7µF
+
H
+
1000pF
100µF
VCC
VIN2
+
Tp2
75Ω
Tp6
VOUT2
(6dB)
VOUT4
100µF
+
75Ω
RL
22µF
75Ω
Tp4
GND
Tp1
+
4.7µF
75Ω
VIN1
VOUT1
(6dB)
VOUT3
Tp3
75Ω
RL
Tp5
22µF
+
100µF
+
75Ω
TEST METHODES
PARAMETER
SYMBOL
TEST METHODES
Input Clamp Voltage
VCL
No signal Measuring at TP1(TP2)
Operating Current
ICC
No signal 7PIN Sink Current
Voltage Gain
GV
VOUT1/VIN1, VOUT2/VIN2, at VIN1(VIN2) =1MHz, 1VP-P, Sinewave
Frequency Characteristic
GF
GV1M;Voltage Gain at VIN1(VIN2)=1MHz, 1VP-P
GV10M; Voltage Gain at VIN1(VIN2)=10MHz, 1VP-P, GF= GV10M -GV1M
Crosstalk
CT
VOUT2/VIN1 at VIN1 = 4.43MHz, 1VP-P, Sinewave,VIN2=Gnd
VOUT1/VIN2 at VIN2=4.43MHz, 1VP-P, Sinewave, VIN1=Gnd
Gain Offset
GCH
VIN=1MHz, 1VP-P, GV1 = VOUT1/VIN1,GV2 = VOUT2/VIN2, GCH = GV1-GV2
Differential Gain
GDIFF
VIN1=1VP-P, Staircase, Measuring VOUT3 at VIN1 = Staircase Signal
Differential Phase
DP
VIN1=1VP-P, Staircase, Measuring VOUT3 at VIN1 = Staircase Signal



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com