Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2267G-P08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # V2267G-P08-R
Description  DUAL VIDEO 6dB AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267G-P08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  V2267G-P08-R Datasheet HTML 1Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 2Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 3Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 4Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 5Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 6Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 7Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 8Page - Unisonic Technologies V2267G-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
V2267
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R124-006.D
MARKING
DIP-8
SOP-8
U TC
V2267
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
G: Halogen Free
Lot Code
MSOP-8
TSSOP-8
PIN CONFIGURATIONS
4
3
2
1
5
6
7
8 VIN2
VCC
VSAG2
VOUT2
VOUT1
GND
VIN1
VSAG1
PIN DESCRIPTION
PIN NO. PIN NAME
I/O
PIN DESCRIPTION
1
VIN1
I
Input terminal of 1VP-P composite signal or Y signal. Clamp level is 1.9V
2
GND
Ground
3
VSAG1
O
Channel 1 SAG correction output
4
VOUT1
O
Output terminal that can drive 75Ω line. Channel 1 output
5
VOUT2
O
Output terminal that can drive 75Ω line. Channel 2 output
6
VSAG2
O
Channel 2 SAG correction output
7
VCC
Supply voltage
8
VIN2
I
Input terminal of 1VP-P composite signal or Y signal. Clamp level is 1.9V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com