Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLSF18 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DLSF18
Description  1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DLSF18 Datasheet(HTML) 1 Page - Micro Commercial Components

  DLSF18 Datasheet HTML 1Page - Micro Commercial Components DLSF18 Datasheet HTML 2Page - Micro Commercial Components DLSF18 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DLSF11
THRU
DLSF18
1 Amp Glass
Passivated Super Fast
Recovery Rectifier
50 to 600 Volts
Features
High Surge Capability
Low Leakage
Low Forward Voltage Drop
High Current Capability
Super Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
MST
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DLSF11
---
50V
35V
50V
DLSF12
---
100V
70V
100V
DLSF13
---
150V
105V
150V
DLSF14
---
200V
140V
200V
DLSF15
---
300V
210V
300V
DLSF16
---
400V
280V
400V
DLSF18
---
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
DLSF11-DLSF15
DLSF16-DLSF18
VF
.975V
1.25V
IFM = 1.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
50
µA
TA = 25
°C
TA = 150
°C
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
DLSF11-DLSF15
DLSF16-DLSF18
CJ
15pF
10pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MELF
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.099
2.40
2.50
A
B
C
Cathode Mark
.100”
.026”
.045”
www.mccsemi.com
16-18
50ns
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - DLSF18

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSF18 MCC-DLSF18 Datasheet
252Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - DLSF18

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
1N4933GP MCC-1N4933GP_13 Datasheet
535Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
DL4933_1114 MCC-DL4933_1114 Datasheet
419Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com