Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR540 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFR540
Description  NPN 9 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFR540 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFR540_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFR540_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 May 30
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFR540
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability.
APPLICATIONS
RF front end wideband applications in
the GHz range, such as analog and
digital cellular telephones, cordless
telephones (CT1, CT2, DECT, etc.),
radar detectors, satellite TV tuners
(SATV), MATV/CATV amplifiers and
repeater amplifiers in fibre-optic
systems.
DESCRIPTION
NPN silicon planar epitaxial transistor
in a SOT23 plastic package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
Marking code: N29.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
IC
DC collector current
−−
120
mA
Ptot
total power dissipation
Ts ≤ 70 °C; note 1
−−
500
mW
hFE
DC current gain
IC = 40 mA; VCE = 8 V
100
120
250
Cre
feedback capacitance
IC =ic = 0; VCB = 8 V; f = 1 MHz
−
0.6
−
pF
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz
−
9
−
GHz
GUM
maximum unilateral
power gain
IC = 40 mA; VCE =8V;
Tamb =25 °C; f = 900 MHz
−
14
−
dB
IC = 40 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
−
7
−
dB
s
21
2
insertion power gain
IC = 40 mA; VCE =8V;
Tamb =25 °C; f = 900 MHz
12
13
−
dB
F
noise figure
Γ
s = Γopt; IC = 10 mA; VCE =8V;
Tamb =25 °C; f = 900 MHz
−
1.3
1.8
dB
Γs = Γopt;IC = 40 mA; VCE =8V;
Tamb =25 °C; f = 900 MHz
−
1.9
2.4
dB
Γ
s = Γopt;IC = 10 mA; VCE =8V;
Tamb =25 °C; f = 2 GHz
−
2.1
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com