Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17W
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17W Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS17W_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1995 Sep 04
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
APPLICATIONS
Primarily intended as a mixer,
oscillator and IF amplifier in UHF and
VHF tuners.
DESCRIPTION
Silicon NPN transistor in a plastic
SOT323 (S-mini) package. The
BFS17W uses the same crystal as
the SOT23 version, BFS17.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT323
handbook, 2 columns
3
12
MBC870
Top view
Marking code: E1
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
−−
25
V
VCEO
collector-emitter voltage
−−
15
V
IC
DC collector current
−−
50
mA
Ptot
total power dissipation
up to Ts =118 °C; note 1
−−
300
mW
hFE
DC current gain
IC = 2 mA; VCE = 1 V
25
90
−
fT
transition frequency
IC = 25 mA; VCE =5V
−
1.6
−
GHz
Cc
collector capacitance
IE = 0; VCB = 10 V; f = 1 MHz
−
0.8
1.5
pF
Cre
feedback capacitance
IC = 1 mA; VCE =5V; f=1MHz
−
0.75
−
pF
Tj
junction temperature
−−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
50
mA
Ptot
total power dissipation
Ts =118 °C; note 1
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com