Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6502MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6502MT/NOPB
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6502MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH6502MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
-3
-2
-1
0
1
2
3
VCM (V)
-40
-30
-20
-10
0
10
20
30
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
25°C
-3
-2
-1
0
1
2
3
VCM (V)
100
110
120
130
140
150
160
170
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
25°C
-3
-2
-1
0
1
2
3
VCM (V)
-90
-80
-70
-60
-50
-40
-30
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
-1.5
-1
-0.5
0
0.5
1
1.5
VCM (V)
0
2
4
6
8
10
12
14
-40°C
85°C
25°C
VS = ±2.5V
VG = VGMAX
-3
-2
-1
0
1
2
3
VCM (V)
0
5
10
15
20
25
30
35
-40°C
25°C
85°C
25°C
VS = ±5V
VG = VGMAX
2
3
4
5
6
0
2
4
6
8
10
12
14
±SUPPLY VOLTAGE (V)
25°C
85°C
-40°C
VG = VG_MAX
VIN_DIFF = 0.1V
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
AVMAX vs. Supply Voltage
Supply Current vs. VCM
Figure 21.
Figure 22.
Output Offset Voltage vs. VCM
Supply Current vs. VCM
(Typical Unit #1)
Figure 23.
Figure 24.
Output Offset Voltage vs. VCM
Output Offset Voltage vs. VCM
(Typical Unit #2)
(Typical Unit #3)
Figure 25.
Figure 26.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com