Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERT809-S Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # ERT809-S
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT809-S Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button ERT809-S Datasheet HTML 7Page - Seoul Semiconductor ERT809-S Datasheet HTML 8Page - Seoul Semiconductor ERT809-S Datasheet HTML 9Page - Seoul Semiconductor ERT809-S Datasheet HTML 10Page - Seoul Semiconductor ERT809-S Datasheet HTML 11Page - Seoul Semiconductor ERT809-S Datasheet HTML 12Page - Seoul Semiconductor ERT809-S Datasheet HTML 13Page - Seoul Semiconductor ERT809-S Datasheet HTML 14Page - Seoul Semiconductor ERT809-S Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
ERT809-S
– 809 Series Red
11
Rev4.0, Sep 22, 2015
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Characteristics Graph
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
t
P
D=
1
0.5
0.05
0.005
25℃ white
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
t
P
D=
1
0.5
0.05
0.005
25℃ white
Fig 10. Maximum Forward Current vs. Duty Ratio, T
j = 25ºC
Tp
Tp
Fig 11. Maximum Forward Current vs. Duty Ratio, T
j = 85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com