Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3JB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ER3JB
Description  3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER3JB Datasheet(HTML) 1 Page - Micro Commercial Components

  ER3JB Datasheet HTML 1Page - Micro Commercial Components ER3JB Datasheet HTML 2Page - Micro Commercial Components ER3JB Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ER3AB
THRU
ER3JB
3 Amp Super Fast
Recovery
Silicon Rectifier
50 to 600 Volts
Features
•
For Surface Mount Applications
•
Extremely Low Thermal Resistance
•
Easy Pick And Place
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals\
•
Super Fast Recovery Times For High Effieciency
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 16
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ER3AB
ER3AB
50V
35V
50V
ER3BB
ER3BB
100V
70V
100V
ER3CB
ER3CB
150V
105V
150V
ER3DB
ER3DB
200V
140V
200V
ER3GB
ER3GB
400V
280V
400V
ER3JB
ER3JB
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TL =
75°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ER3AB-3DB
ER3GB
VF
.95V
1.25V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
200
µA
TJ = 25
°C
TJ = 100
°C
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
0.050”
0.106
0.083”
SUGGESTED SOLDER
PAD LAYOUT
ER3JB
1.70V
          

MCC
www
. mccsemi.com
DO-214AA
(SMBJ) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D
..030
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.103
2.01
2.62
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Similar Part No. - ER3JB

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ER3JB BILIN-ER3JB Datasheet
167Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
ER3JB MCC-ER3JB Datasheet
270Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
ER3JB LUGUANG-ER3JB Datasheet
214Kb / 2P
Surface Mount Rectifiers
logo
Micro Commercial Compon...
ER3JB MCC-ER3JB Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3JB MCC-ER3JB Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ER3JB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER300 MCC-ER300 Datasheet
86Kb / 2P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER3A MCC-ER3A Datasheet
363Kb / 3P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
ER8A MCC-ER8A Datasheet
78Kb / 2P
8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SFM11PL MCC-SFM11PL Datasheet
185Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L_18 Datasheet
357Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_13 Datasheet
622Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com