Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAW8CF2B Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SAW8CF2B
Description  Superior High Intensity for High Voltage System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8CF2B Datasheet(HTML) 1 Page - Seoul Semiconductor

  SAW8CF2B Datasheet HTML 1Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 2Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 3Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 4Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 5Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 6Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 7Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 8Page - Seoul Semiconductor SAW8CF2B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high Intensity systems while reduces LED
count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
• ex) Outdoor area – Streetlight
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
Certificate 아이콘 삽입
(해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입)
•Key Applications
•Replacement lamps
•Architectural
•Entertainment
•Retail Display
•Commercial
•Industrial
•Outdoor area
•Off-grid
•Residential
•Consumer portable
•Safety & Security
•Strings & Strips
•Automotive Exterior Lighting
•Automotive Interior Lighting
SAW8CF2B
– Acrich MJT 3030
1
Rev1.0, Sep 21, 2015
Superior High Intensity for High Voltage System
SAW8CF2B
Acrich MJT
– 3030 series
•
General lighting
•
Replacement lamps
•
Architectural
•
Commercial
Part Number
CCT
Color
Min.
Typ.
Max.
SAW8CF2B
Cool White
4700K
5600K
7000K
SAW8CF2B
Neutral White
3700K
4200K
4700K
SAW8CF2B
Warm White
2600K
3000K
3700K
Table 1. Product Selection Table
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
(왼쪽 하단부터 오른쪽방향 순차 삽입)
•
High Intensity output and high luminance
•
Designed for high voltage operation
•
Compact size package
•
SMT solderable
•
High Color Quality with CRI Min.80(R9>0)
•
RoHS compliant
RoHS
LM-80
MacAdam
3-Step
RoHS
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size : 3.0x3.0x0.6mm
•
The MJT series of LEDs are designed
for AC & DC(High Voltage) operation
and high Intensity output applications
•
The MJT is ideal light sources for
general illumination applications and
custom designed solutions
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability


Similar Part No. - SAW8CF2B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
Superior High Intensity for High Voltage System
More results

Similar Description - SAW8CF2B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
Superior High Intensity for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
Superior high Flux for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
Superior high Flux for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
Superior High Intensity for High Voltage System
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
Superior High Intensity for High Voltage System
SAW7C22B-IZ SEOUL-SAW7C22B-IZ Datasheet
1Mb / 31P
Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
Superior High Intensity for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com