Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB2X4D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUSB2X4D
Description  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB2X4D Datasheet(HTML) 4 Page - NXP Semiconductors

  PUSB2X4D_15 Datasheet HTML 1Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 2Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 3Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 4Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 5Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 6Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 7Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 8Page - NXP Semiconductors PUSB2X4D_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PUSB2X4D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 5 November 2013
4 of 11
NXP Semiconductors
PUSB2X4D
ESD protection for high-speed interfaces
Fig 1.
Insertion loss; typical values
Fig 2.
Crosstalk; typical values
Fig 3.
Relative capacitance as a function of input voltage; typical values
aaa-009805
-6
-4
-8
-2
0
S21
(dB)
-10
f (MHz)
1104
103
10
102
aaa-009806
-60
-30
0
S21
(dB)
-90
f (MHz)
10
104
103
102
VI (A)
05
4
23
1
aaa-009807
0.4
0.8
1.2
a
0
a
C
line
C
line V
I
0 V
=

---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com