Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3F96 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PUSB3F96
Description  ESD protection for ultra high-speed interfaces
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3F96 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PUSB3F96_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 9Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 10Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 11Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 12Page - NXP Semiconductors PUSB3F96_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PUSB3F96
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 29 September 2014
9 of 15
NXP Semiconductors
PUSB3F96
ESD protection for ultra high-speed interfaces
7.
Application information
The device is designed to provide high-level ESD protection for high-speed serial
data buses such as HDMI, DisplayPort, eSATA and LVDS data lines.
When designing the Printed-Circuit Board (PCB), give careful consideration to impedance
matching and signal coupling. Do not connect the signal lines to unlimited current sources
like, for example, a battery.
A basic application diagram for the ESD protection of an HDMI interface is shown in
Figure 15.
Fig 15. Application diagram of HDMI ESD protection using PUSB3F96
aaa-006751
n.c.
CEC
TMDS_D2+
GND
TMDS_GND
TMDS_D1+
TMDS_GND
TMDS_D0+
TMDS_GND
TMDS_CLK+
TMDS_GND
TMDS_CLK-
DDC_CLK
DDC_DAT
GND
+5 V
PUSB3F96
IP4221CZ6
TMDS_D1–
TMDS_D2–
TMDS_CH2+
TMDS_CH1+
TMDS_CH1–
TMDS_CH2–
TMDS_CH2+
TMDS_CH1+
TMDS_CH1–
TMDS_CH2–
GND
TMDS_D0–
HDMI
CONNECTOR
PUSB3F96
5
4
2
1
3
8
8
5
4
2
1
3
65
4
100 nF
12
3
HOT PLUG DETECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com