Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FR4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUSB3FR4
Description  ESD protection for ultra high-speed interfaces
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3FR4 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUSB3FR4_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 January 2015
4 of 15
NXP Semiconductors
PUSB3FR4
ESD protection for ultra high-speed interfaces
differential mode
Fig 1.
Insertion loss; typical values
Fig 2.
Relative capacitance as a function of input
voltage; typical values
Sdd21 normalized to 100
;
differential pairs CH1/CH2 versus CH3/CH4
tr = 200 ps; differential pair CH1 + CH2
(1) PUSB3FR4 on reference board
(2) Reference board without Device Under Test (DUT)
Fig 3.
Mixed-mode differential NEXT crosstalk;
typical values
Fig 4.
Differential Time Domain Reflectometer (TDR)
plot; typical values
aaa-016314
-3
-1
1
S21dd
(dB)
-5
f (Hz)
106
1010
109
107
108
VI (V)
06
4
2
aaa-016315
0.4
0.8
1.2
a
0.2
pin 2 and 4
pin 1 and 5
a
C
line
C
line V
I
0 V
=

---------------------------------
=
aaa-016316
-60
-40
-80
-20
0
Sdd21
(dB)
-100
f (Hz)
108
1010
109
t (ns)
42.26
42.76
42.66
42.46
42.56
42.36
aaa-016317
115
Zdif
(Ω)
105
95
85
80
90
100
110
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com