Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62784G-S18-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 62784G-S18-R
Description  8CH HIGH?뭋OLTAGE SOURCE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62784G-S18-R Datasheet(HTML) 3 Page - Unisonic Technologies

  62784G-S18-R Datasheet HTML 1Page - Unisonic Technologies 62784G-S18-R Datasheet HTML 2Page - Unisonic Technologies 62784G-S18-R Datasheet HTML 3Page - Unisonic Technologies 62784G-S18-R Datasheet HTML 4Page - Unisonic Technologies 62784G-S18-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
62784
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R113-010.b
ABSOLUTE MAXIMUM RATING (TA = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
30
V
Clamp Diode Reverse Voltage
VR
50
V
Output Current
IOUT
-500
mA/ch
Clamp Diode Forward Current
IF
500
mA
Power Dissipation
960
mW
Derated Above 25°C
PD
7.7
mW/°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA= -40 ~ +80°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
50
V
Duty=10%
-180 mA/ch
Output Current
IOUT
Ta=85°C, TJ=120°C, TP=25ms
Duty=50%
-38 mA/ch
Input Voltage
VIN
24
V
Output On
VIN(ON)
4.5
12.0
30
V
Input Voltage
Output Off
VIN(OFF)
0
2.0
V
Clamp Diode Reverse Voltage
VR
35
V
Clamp Diode Forward Current
IF
400
mA
Power Dissipation
PD
350
mW
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
Output Leakage Current
ICEX
1
VCC= VCC( MAX), VIN= 0.4V
100
μA
VIN= VIN(ON), IOUT= -350mA
2.0
V
VIN= VIN(ON), IOUT= -225mA
1.9
V
Output Saturation Voltage
VCE(SAT)
2
VIN= VIN(ON), IOUT= -100mA
1.8
V
VIN= 5V
92
130
μA
Input Current
IIN(ON)
3
VIN= 12V
790 1130
μA
Supply Current
ICC(ON)
3
VIN= VIN(ON), VCC= 50 V
2.5 mA/ch
VIN(ON)
IOUT= -350 mA
4.5
V
Input Voltage
VIN(OFF)
4
IOUT= -500µA
2.0
V
Clamp Diode Reverse Current
IR
5
VR= 50V
50
μA
Clamp Diode Forward Voltage
VF
6
IF= 350mA
2.0
V
Turn-On Delay
tON
0.15
μs
Turn-Off Delay
tOFF
7
VCC= VCC(MAX), RL= 125Ω
CL= 15pF, RL= 88Ω
1.8
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com