Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62783G-S18-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 62783G-S18-R
Description  8CH HIGH?뭋OLTAGE SOURCE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783G-S18-R Datasheet(HTML) 6 Page - Unisonic Technologies

  62783G-S18-R Datasheet HTML 1Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 2Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 3Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 4Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 5Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 6Page - Unisonic Technologies 62783G-S18-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
62783
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R113-009.F
TEST CIRCUITS
1. ICEX
2. VCE(SAT)
VIN
ICEX
VCC
VIN
IOUT
VCC
VCE(sat)
3. IIN(ON), ICC
4. VIN(ON) , VIN(OFF)
5. IR
6. VF
VF
IF
OPEN
7. tON, tOFF
INPUT
OUTPUT
50%
50%
50%
50%
50µs
tON
tOFF
VOL
VOH
0
VIH
Notes: 1. Pulse width 50 µs, duty cycle 10% Output impedance 50 Ω, tR ≤ 5ns, tF ≤ 10ns
2. CL includes probe and jig capacitance
PRECAUTIONS FOR USING
This circuit does not integrate protection circuits such as over-current and overvoltage protectors.
Thus, the IC may be damaged if excess current or voltage is occurred to the IC. Make sure the IC design is fine
so that excess current or voltage will not be applied to the IC.
You must take extreme care to the design of the output line, VCC and GND line because IC may be destroyed
under the condition of short-circuit between outputs, air contamination fault, or fault by improper grounding.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com