Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1836G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F1836G-S14-R
Description  TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1836G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F1836G-S14-R Datasheet HTML 1Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 2Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 3Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 4Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 5Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F1836
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R109-029.C
LOW-SATURATION,
TWO-CHANNEL
BIDIRECTIONAL MOTOR
DRIVER IC FOR USE IN
LOW-VOLTAGE APPLICATIONS
DESCRIPTION
The UTC F1836 is a bipolar stepper-motor driver IC for use in
low-voltage applications. And, It is a low-saturation two-channel
bidirectional motor driver IC which is ideal for use in cameras,
printers, and other portable devices.
FEATURES
* Operating under low voltage range (Minimum: 2.5V)
* Low saturation voltage (only 0.48V for 0.4A)
* Parallel connection (only 0.5V for 0.8A)
* Built-in Spark killer diodes
* Built-in Thermal shutdown Protection Function
* Separate motor power supply and logic power supply
* Brake function
* Compact package
ORDERING INFORMATION
Ordering Number
Package
Packing
F1836G-S14-R
SOP-14
Tape Reel
(1) R: Tape Reel
(2) S14: SOP-14
(3) G: Halogen Free and Lead Free
F1836G-S14-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
U T C
F1836G
2
3
4
5
67
1
9
10
11
12
13
14
Date Code
Lot Code
8


Similar Part No. - F1836G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F1836G-S14-R UTC-F1836G-S14-R Datasheet
94Kb / 5P
LOW-SATURATION, TWO-CHANNEL BIDIRECTIONAL MOTOR
More results

Similar Description - F1836G-S14-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
Bidirectional Motor Driver
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
Bidirectional Motor Driver?
logo
fujitsu semiconductor
MB3763 FUJITSU-MB3763 Datasheet
89Kb / 11P
Bidirectional Motor Driver
logo
Unisonic Technologies
F1836 UTC-F1836 Datasheet
94Kb / 5P
LOW-SATURATION, TWO-CHANNEL BIDIRECTIONAL MOTOR
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
Bidirectional Motor Driver
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
Bidirectional Motor Driver
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
Bidirectional Motor Driver
June, 2013
logo
Shenzhen Huazhimei Semi...
HM2530E HMSEMI-HM2530E Datasheet
905Kb / 11P
Two-channel motor driver chip
HM2515E HMSEMI-HM2515E Datasheet
701Kb / 8P
Two-channel motor driver chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com