Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2967L-P20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # F2967L-P20-R
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967L-P20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  F2967L-P20-R Datasheet HTML 1Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 2Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 3Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 4Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 5Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 6Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 7Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 8Page - Unisonic Technologies F2967L-P20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
F2967
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R109-036.a
CONTROL TIMING CHART
(1) Minimum speed setting (stop) mode
Input of PWM-IN is filtered to generate the VTH voltage. At low speed, the fan rotates with the minimum speed set
with RMI pin during low speed. If the minimum speed is not set (RMI=6VREG), the fan stops.
(2) Low ⇔ High speed mode
PWM control is made through comparison of oscillation and VTH voltages with CPWM changing between
1.6V ⇔ 4.6V.
When the VTH voltage is lower, the IC switches to drive mode. When the VTH voltage is higher, the p-channel
FET is turned off and coil current is regenerated through the low-side FET. Therefore, as the VTH voltage lowers,
the output ON-DUTY increases, increasing the coil current and raising the motor speed.
The rotation speed is fed back by the FG output.
(3) Full speed mode
The full-speed mode becomes effective with the VTH voltage of 1.65V or less. (VTH must be equal to GND when
the speed control is not to be made.)
(4) PWM-IN input disconnection mode
While the input pin of PWM-IN is disconnected, VTH becomes 1.65V or les and the output enables full drive at
100%. The fan runs at full speed. (Refer to the sample application circuit.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com