Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2970L-S18-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F2970L-S18-R
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970L-S18-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F2970L-S18-R Datasheet HTML 1Page - Unisonic Technologies F2970L-S18-R Datasheet HTML 2Page - Unisonic Technologies F2970L-S18-R Datasheet HTML 3Page - Unisonic Technologies F2970L-S18-R Datasheet HTML 4Page - Unisonic Technologies F2970L-S18-R Datasheet HTML 5Page - Unisonic Technologies F2970L-S18-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R109-035.a
FOR FAN MOTOR
SINGLE-PHASE FULL-WAVE
DRIVER
DESCRIPTION
The UTC F2970 is a single-phase full-wave bipolar driver
control IC with excellent efficiency for fan motor.
FEATURES
* Single-phase full-wave drive (16V to 1.2A transistors are built in)
* Speed adjustment function by thermistor input and external
signal incorporated
→Enables silent and low-vibration variable speed control
through direct PWM control with separately-excited upper tR
* Kick-back absorption circuit are built in
* Current limiter function (The limiter value determined with Rf,
limit at IO=480mA with RL=1Ω connection,)
* Low-consumption, low-loss, and low-noise drive enabled by the
soft switching circuit during phase shift
* HB incorporated
* Lock protection and automatic reset functions incorporated
* FG (rotation detection) output
* Regeneration Di incorporated with less external parts
* Thermal shutdown circuit incorporated
SOP-18
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
F2970L-S18-T
F2970G-S18-T
SOP-18
Tube
F2970L-S18-R
F2970G-S18-R
SOP-18
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - F2970L-S18-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2970L-S18-R UTC-F2970L-S18-R Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
More results

Similar Description - F2970L-S18-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6721FS ROHM-BD6721FS Datasheet
316Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6799FVM ROHM-BH6799FVM Datasheet
313Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BD6963AFUJ ROHM-BD6963AFUJ Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Shaoxing Devechip Micro...
SDC11556 SDC-SDC11556 Datasheet
314Kb / 8P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com