Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # F6908G-S08-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  F6908G-S08-R Datasheet HTML 1Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 2Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 3Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 4Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 5Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 6Page - Unisonic Technologies F6908G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
F6908
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R109-016.F
POWER DERATING CURE
LOCK DETECT CIRCUIT, AUTOMATIC RESTART CIRCUIT
Charge and discharge time at motor lock condition varies with the value of external capacitor at LD terminal, and
is given by the following equation.
LDC
LDCP
LDCL
ON
I
V
V
C
e
Ch
T
)
-
(
time)
arg
(
LDD
LDCP
LDCL
OFF
I
)
V
-
V
(
×
C
=
time)
e
arg
Disch
(
T
C: Capacitor at LD pin
The following value shows charge time and discharge time at C=0.47µF for reference.
Charge time =0.18S (Output: ON)
Discharge time = 1.02S (Output: OFF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com