Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6908G-SM1-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # F6908G-SM1-R
Description  SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F6908G-SM1-R Datasheet(HTML) 1 Page - Unisonic Technologies

  F6908G-SM1-R Datasheet HTML 1Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 2Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 3Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 4Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 5Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 6Page - Unisonic Technologies F6908G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
F6908
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd.
QW-R109-016.F
SINGLE-PHASE FULL-WAVE
MOTOR DRIVER FOR FAN
MOTOR
DESCRIPTION
UTC F6908 is a single-phase full-wave motor driver for fan
motor suitable for 5V and 12V operations.
FEATURES
* Soft Switching Drive for Low Noise
* Lock Detection and Automatic Restart Function
* Thermal Shut-Down Protection
SOP-8
HSOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
F6908G-S08-R
SOP-8
Tape Reel
F6908G-SH2-R
HSOP-8
Tape Reel
F6908G-SM1-R
MSOP-8
Tape Reel
MARKING


Similar Part No. - F6908G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6908G-S08-R UTC-F6908G-S08-R Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
F6908G-SH2-R UTC-F6908G-SH2-R Datasheet
210Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
More results

Similar Description - F6908G-SM1-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
3-phase full-wave motor driver IC
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
Single-phase full-wave motor driver
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
Single phase full-wave driver IC for fan motor
logo
Unisonic Technologies
F1962 UTC-F1962 Datasheet
295Kb / 9P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
F1962 UTC-F1962_15 Datasheet
305Kb / 8P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
logo
Shaoxing Devechip Micro...
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
Single-phase Full-wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
Single-phase Full-wave Motor Driver
SDC11170 SDC-SDC11170 Datasheet
354Kb / 10P
Single-phase Full-wave Motor Driver
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
Single-Phase Full-Wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
Single-Phase Full-Wave Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com