Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726G-S18-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L6726G-S18-R
Description  UNIVERSAL SPEECH CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6726G-S18-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L6726G-S18-R Datasheet HTML 1Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 2Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 3Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 4Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 5Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 6Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 7Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 8Page - Unisonic Technologies L6726G-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L6726
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R108-015.D
MARKING
DIP-18
SOP-18
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin No.
Pin Name
Description
1
+L
Output of the DC-regulator and transmit amplifier. This pin is connected to the line through
a polarity guard and diode bridge.
2
TO
Output of the transmit amplifier. This pin is connected through a resistor of 47 to 100Ω to
-L, which sets the DC-resistance of the circuit. The output has a low AC output impedance
and the signal is used to drive a side tone balancing network.
3
TI
Input of transmit amplifier. Input impedance 17kΩ±20%
4
+C
The positive power supply terminal for most of the circuitry inside the UTC L6726 (about
1mA current consumption).The +C-PIN shall be connected to a decoupling capacitor of
47μF to 150μF
5
Mute
When low, speech circuit is muted and the DTMF input is enabled. Maximum voltage (at
mute) is 0.3V,current sink requirement of external driver is 50μA
6
GR
Control input for the gain regulation circuitry.
7
DCS
The sense input to the DC-supply.
8
DCO
The output from the DC-supply.
9
DCC
The control output from the DC-supply
10
DI
The input for the DTMF-signal. Input impedance is 25kΩ±20%
11
MO
Output of the microphone amplifier or DTMF-amplifier
12
MI 1
Input to the microphone amplifier. Input impedance 1.7kΩ±20%
13
MI 2
14
-L
The negative power terminal, connected to the line though a polarity guard diode bridge
15
RI
Input of receiver amplifier. Input impedance is approximately 38kΩ±20%
16
DR
The control input for the receiver amplifier driving capability.
17
RE 1
Receiver amplifier outputs. Output impedance is approximately 3Ω.
18
RE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com