Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR207GP
Description  2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR207GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR207GP Datasheet HTML 1Page - Micro Commercial Components FR207GP Datasheet HTML 2Page - Micro Commercial Components FR207GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR201GP
THRU
FR207GP
2 Amp Glass
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
Features
•
Low Cost
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
Fast Switching Speed For High Efficiency
•
Glass Passivated Junction
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR201GP
---
50V
35V
50V
FR202GP
---
100V
70V
100V
FR203GP
---
200V
140V
200V
FR204GP
---
400V
280V
400V
FR205GP
---
600V
420V
600V
FR206GP
---
800V
560V
800V
FR207GP
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 2.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR201GP-204GP
FR205GP
FR206GP-207GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FR207GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR207GP CHENYI-FR207GP Datasheet
50Kb / 3P
2Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR207GP MCC-FR207GP Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
FR207GPT CHENMKO-FR207GPT Datasheet
84Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR207GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com