Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34018G-R28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC34018G-R28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34018G-R28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC34018G-R28-R Datasheet HTML 1Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 2Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 3Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 4Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 5Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 6Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 7Page - Unisonic Technologies MC34018G-R28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC34018
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R108-006.E
ABSOLUTE MAXIMUM RATINGS (TA=25C, Voltage referred to pin 22.)
PARAMETER
SYMBOL
RATINGS
UNIT
V+ terminal Voltage (pin 16)
+12, -1.0
V
CS (pin 18)
+12, -1.0
V
Speaker amplifier Ground(pin 14)
+3.0, -1.0
V
VLC(pin 24)
+VCC, -1.0
V
Storage temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
V+ Terminal Voltage (pin 16)
+6.0 ~ +11
V
CS (pin 18)
0 ~ +11
V
VLC (pin 24)
0.55VB ~ VB
V
Receive Signal(pin 27)
0 ~ 250
mVrms
Microphone Signal(pin 9)
0 ~ 5.0
mVrms
Speaker Amplifier Ground (pin 14)
-10 ~ +10
mVdc
ICC (pin 20)
0 ~ 3.0
mA
Ambient Temperature
TA
-20 ~ +60
C
TEMPERATURE CHARACTERISTICS (-20 ~+60C)
PARAMETER
PIN
TYP CHANGE
UNIT
V+ Supply Current ( V+ 11V,Pin 18 = 0.7V )
16
-0.2
%/
C
V+ Supply Current(V+ 11V,Pin 18 = 1.6V )
16
-0.4
%/
C
VCC Voltage( V+ = 7.5V )
20
+0.1
%/
C
Attenuator Gain ( Max and Min Setting )
±0.003
dB/
C
Delta RXO,TXO Voltage
4,26
±0.24
%/
C
Speaker AMP Gain
15,19
±0.001
dB/
C
Microphone AMP Gain
9,10
±0.4
dB/
C
Microphone Amp Input Resistance
9
+0.4
%/
C
Tx-Rx Switching Threshold (20
A)
5,7
±0.2
nA/
C
ELECTRICAL CHARACTERISTICS (Referred to Fig.1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGES
VCC Voltage
VCC
V+=7.5V
4.9
5.4
5.9
Vdc
Line Regulation
VCCLN
6.5V<V+<11V
65
150
mV
Dropout Voltage
VD
V+=5.0V
80
300
mV
VB Voltage
VB
V+=7.5V
2.5
2.9
3.3
Vdc
V+ Supply Current
IV+
V+=11V, Pin 18=0.7V
9.0
mA
V+=11V, Pin 18=1.6V
800
μA
Output Resistance
ROUT
ICC=3mA
6.0
20
Ω
Output Resistance
ROUT
IB=1.7mA
250
Ω
ATTENUATORS
Receive Attenuator Gain
(1.0kHz)
GRX
2.0
6.0
10
dB
Rx Mode, Pin 24= VB
Pin 27 = 250Mvrms
GRX
40
44
48
dB
Range (Rx to Tx Modes)
Idle Mode, Pin 27= 250mVrms
GRI
-20
-16
-12
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com