Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9131XL-S18-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U9131XL-S18-R
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9131XL-S18-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U9131XL-S18-R Datasheet HTML 2Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 3Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 4Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 5Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 6Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 7Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 8Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 9Page - Unisonic Technologies U9131XL-S18-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
U9131X
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-A34.a
FUNCTIONAL DESCRIPTION
Keyboard Operation
C1
C2
C3
C4
R1
1
2
3
R2
4
5
6
F
R3
7
8
9
P→T
R4
*
0
#
R/P
* R/P:Redial and pause function key
* F:Flash key
* P→T:Pulse mode to tone mode
Normal Dialin
1 OFF HOOK , D1 , D2 , … , Dn
1. D1, D2, … , Dn will be dialed out.
2. Dialing length is unlimited, but redial is inhibited if length oversteps 32 digits.
Redialing
1 OFF HOOK , D1 , D2 , … , Dn BUSY, COME ON HOOK , OFF HOOK , R/P
The RP Key can execute redial function only as the first key-in after off-hook; otherwise, it will execute pause
function.
Access Pause
1 OFF HOOK , D1 , D2 , … , R/P , D3 , … , Dn
1. The pause function can be stored in memory.
2. The pause function is executed in normal dialing or memory dialing.
3. The pause function timing diagram is shown in Figure 3.
Pulse-To-Tone (P→T)
1 OFF HOOK , D1 , D2 , … , Dn , R→T , D1’ , D2’ , … , Dn’
1. If the mode switch is set to pulse mode, then the output signal will be:
D1, D2, …, Dn, Pause, D1’, D2’, …, Dn’
(Pulse)
(Tone)
2. If the mode switch is set to tone mode, then the output signal will be:
D1, D2, …, Dn, P→T D1’, D2’, …, Dn’
(Pulse)
(Pause) (Tone)
3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse mode only by
going on-hook.
4. The P→T function timing diagram is shown in Figure 4.
Flash
1 OFF HOOK , F
1. Flash key can be stored as a digit in memory.
2. The system will return to the initial state after the break time is finished.
3. The flash function timing diagram is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com