Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9131XAG-S18-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U9131XAG-S18-R
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9131XAG-S18-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U9131XAG-S18-R Datasheet HTML 1Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 2Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 3Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 4Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 5Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 6Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 7Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 8Page - Unisonic Technologies U9131XAG-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
U9131X
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-A34.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1-4 &
15-18
Column-Row
Inputs
The keyboard input may be from either the standard 4×4 keyboard or an inexpensive
single contact (from A) keyboard. Electronic input from a μC can also be used. A valid
key entry is defined as a single row being connected to a single column.
5
B/M
The break make ratio is 60:40 if B/M=1 and is 66.6:33.3 if B/M=0. This pin has no
function in DTMF mode.
7, 8
XT, XT
A built-in inverter provides oscillation with an inexpensive 3.579545MHz crystal or
ceramic resonator.
9
T/P MUTE
The T/P MUTE is a conventional CMOS N-channel open drain output. The output
transistor is switched on during pulse and tone mode dialing sequence and flash break.
Otherwise, it is switched off.
13
MODE
Pulling mode pin to VSS places the dialer in tone mode. Pulling mode pin to VDD places
the dialer in pulse mode (10ppS). Leaving mode pin floating places the dialer in pulse
mode (20ppS).
10
HKS
Hook switch input. HKS=1: On-book state. Chip in sleeping mode, no operation. HKS=0:
Off-book state. Chip enabled for normal operation. The HKS pin is pulled to VDD by an
internal resistor.
11
DP
N-channel open drain dialing pulse output (Figure 1). Flash key will cause DP to go
active in both pulse mode and tone mode.
12
DTMF
In pulse mode, remains in low state at all times. In tone mode, outputs a dual or single
tone. Detailed timing diagram for tone mode is shown in Figure 2 (a, b).
OUTPUT FREQUENCY
Specified
Actual
Error %
R1
697
699
+0.28
R2
770
766
-0.52
R3
852
848
-0.47
R4
941
948
+0.74
C1
1209
1216
+0.57
C2
1336
1332
-0.30
C3
1477
1472
-0.34
14, 6
VDD, VSS
Power input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com