Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2003G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ULN2003G-S16-R
Description  7CH DARLINGTON SINK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2003G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ULN2003G-S16-R Datasheet HTML 1Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 2Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 3Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 4Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 5Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 6Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 7Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 8Page - Unisonic Technologies ULN2003G-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ULN2003
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R113-001.O
7CH DARLINGTON SINK
DRIVER
DESCRIPTION
The UTC ULN2003 are high-voltage, high-current darlington
drivers comprised of seven NPN Darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
FEATURES
*Output Current (Single Output): 500mA (Max.)
*High Sustaining Voltage Output: 50V (Min.)
*Output Clamp Diodes
*Inputs Compatible With Various Types Of Logic
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
ULN2003L-D16-T
ULN2003G-D16-T
DIP-16
Tube
-
ULN2003G-S16-R
SOP-16
Tape Reel
-
ULN2003G-P16-R
TSSOP-16
Tape Reel
MARKING
DIP-16
SOP-16 / TSSOP-16


Similar Part No. - ULN2003G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULN2003G-S16-R UTC-ULN2003G-S16-R Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2003G-S16-R UTC-ULN2003G-S16-R Datasheet
492Kb / 10P
7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2003G-S16-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
7ch Darlington Sink Driver
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2003 ARTSCHIP-ULN2003 Datasheet
457Kb / 11P
7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com