Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2803G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULN2803G-P20-R
Description  EIGHT DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2803G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULN2803G-P20-R Datasheet HTML 1Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 2Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 3Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 4Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 5Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 6Page - Unisonic Technologies ULN2803G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ULN2803
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R113-004.G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.5~30
V
Output Sustaining Voltage
VCE (SUS)
-0.5~50
V
Output Current
IOUT
500
mA/ch
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
DIP-18
1.47
SOP-18
0.54/0.625(Note)
Power Dissipation
TSSOP-20
PD
0.52
W
Operating Temperature
TOPR
-40 ~ +85
C
Storage Temperature
TSTG
-40 ~ +150
C
Notes: 1. On glass epoxy PCB (30x30x1.6mm Cu 50%)
2. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The
device could be damaged beyond Absolute maximum ratings.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP MAX UNIT
Output Leakage Current
ICEX
1
VCE=50V,TA=25C
VCE=50V,TA=85C
50
100
μA
Collector-Emitter
Saturation Voltage
VCE(SAT)
2
IOUT=350mA,IIN=500A
IOUT=200mA,IIN=350A
IOUT=100mA,IIN=250A
1.3
1.1
0.9
1.6
1.3
1.1
V
ON
IIN(ON)
3
VIN =3.85V,IOUT=350mA
0.93 1.35
mA
Input Current
OFF
IIN(OFF)
4
IOUT=500A, TA=85C
50
65
μA
Input Voltage (output on)
VIN(ON)
5
VCE=2.0V
IOUT=200mA
IOUT=250mA
IOUT=300mA
2.4
2.7
3.0
V
Clamp Diode Reverse Current
IR
6
VR=50V, TA=25C
VR=50V, TA=85C
50
100
μA
Clamp Diode Forward Voltage
VF
7
IF=350mA
2.0
V
Input Capacitance
CIN
15
25
pF
Turn-On Delay
tON
8
VOUT=50V,RL=125,CL=15pF
0.1
1
μS
Turn-Off Delay
tOFF
8
VOUT=50V,RL=125,CL=15pF
0.2
1
μS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com