Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2804G-S18-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULN2804G-S18-R
Description  EIGHT HIGH VOLTAGE, HIGH CURRENT DARLINGTON ARRAYS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2804G-S18-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULN2804G-S18-R Datasheet HTML 1Page - Unisonic Technologies ULN2804G-S18-R Datasheet HTML 2Page - Unisonic Technologies ULN2804G-S18-R Datasheet HTML 3Page - Unisonic Technologies ULN2804G-S18-R Datasheet HTML 4Page - Unisonic Technologies ULN2804G-S18-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULN2804
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R113-002.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
30
V
Output Voltage
VOUT
50
V
Collector Current – Continuous
IC
500
mA
Base Current – Continuous
IB
25
mA
Power Dissipation
DIP-18
PD
1.5
W
SOP-18
0.95
W
Junction Temperature
TJ
+120
C
Operating Ambient Temperature
TOPR
0 ~ +70
C
Storage Temperature
TSTG
-55 ~ +150
C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Thermal resistance from junction to Ambient
DIP-18
θJA
60
C /W
SOP-18
80
C /W
ELECTRICAL CHARACTERISTICS (Ta = 25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter
Saturation Voltage
VCE(SAT)
1
IOUT=350mA, IIN=500A
1.3
1.6
V
IOUT=200mA, IIN=350A
1.1
1.3
V
IOUT=100mA,IIN=250A
0.9
1.1
V
Input Voltage
VIN(ON)
2
VCE=2.0V
IOUT=125mA
5.0
V
IOUT=200mA
6.0
V
IOUT=275mA
7.0
V
IOUT=350mA
8.0
V
Clamp Diode Forward Voltage
VF
3
IF=350mA
1.5
2.0
V
Output Leakage Current
ICEX
4a
VOUT=50V,Ta=70C
100
A
4b
VOUT=50V,Ta=70C,VIN =1.0V
500
Input Current
ON
IIN(ON)
5
VIN =5V
0.35
0.5
mA
VIN =12V
1.0
1.45
mA
OFF
IIN(OFF)
6
IOUT=500A, Ta=70C
50
100
A
Clamp Diode Reverse Current
IR
7
VR=50V, Ta=25C
50
A
VR=50V, Ta=70C
100
A
DC Current Gain
hFE
VOUT=2V, IOUT=350mA
1000
Input Capacitance
CIN
15
25
pF
Turn-On Delay
tON
8
0.25
1
S
Turn-Off Delay
tOFF
8
0.25
1
S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com