Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT232AG-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT232AG-S16-R
Description  HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232AG-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT232AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UT232AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UT232AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UT232AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UT232AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UT232AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT232A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-272.F
APPLICATION INFORMATION
To operate from a single +5.0V supply, the UTC UT232A include charge pump voltage converters which can
allow it. To generate the RS-232 output levels these converters convert the +5.0V input power to the ±9V needed.
The current drain due to charge pump operation is considerably reduced with this power supplied externally. The
UTC UT232A can operate over the commercial, industrial and military temperature ranges.
Connecting the capacitor to VCC (+5.0V) is recommended.
1
3
0.1µF +
4
5
0.1µF +
Voltage Doubler
VCC
16
Voltage Inverter
T1
14
T1OUT
T1IN
11
400kΩ
T2
7
T2OUT
T2IN
10
12
9
R1OUT
R2OUT
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
5kΩ
0.1µF
0.1µF
+
2
6
R1IN
R2IN
RS-232
INPUTS
RS-232
OUTPUTS
+5V INPUT
V+
V-
13
8
R2
R1
GND
+
C1+
C1-
C2+
C2-
15
400kΩ
5kΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com