Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT232EG-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT232EG-S16-R
Description  HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232EG-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT232EG-S16-R Datasheet HTML 1Page - Unisonic Technologies UT232EG-S16-R Datasheet HTML 2Page - Unisonic Technologies UT232EG-S16-R Datasheet HTML 3Page - Unisonic Technologies UT232EG-S16-R Datasheet HTML 4Page - Unisonic Technologies UT232EG-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT232E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-A19.c
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage range
VCC
-0.3 ~ +6.0
V
Positive-output supply voltage range
V+
-0.3 ~+7.0
V
Negative-output supply voltage range
V-
+0.3 ~ -7.0
V
TIN
-0.3 ~ +6.0
V
Input Voltages
RIN
-25 ~ +25
V
TOUT
-13.2 ~ +13.2
V
Output Voltages
ROUT
-0.3 ~ VCC
V
Short Circuit Duration
TOUT
Continuous
Power Dissipation
PD
375
mW
Operating Temperature
TOPR
0 ~ +70
°С
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are with respect to network GND.
ELECTRICAL CHARACTERISTICS
(VCC=+5.0V; TA=+25°С; 0.1µF charge pump capacitors; TMIN to TMAX unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
TTL INPUT
Low
VTL
TIN; EN , SD
0.8
V
VCC=3.3V
2.0
Logic Threshold
High
VTH
TIN; EN , SD
VCC=5.0V
2.4
V
Logic Pull up Current
ITH
TIN=0V
15
200
µA
Maximum Data Rate
CL=2500pF, RL=3kΩ
120
kbps
TTL OUTPUT
Low
VOL
IOUT=1.6mA; VCC=+5.0V
0.4
V
TTL/CMOS Output Voltage
High
VOH
IOUT=-1.0mA
3.5
V
RS-232 OUTPUT
Output Voltage Swing
VO(SW)
All transmitter outputs loaded
With 3kΩ to GND
±5.0
±6.0
V
Output Resistance
RO
VCC=0V; VOUT=±2.0V
300
10M
Output Short Circuit Current
IO(SC)
Infinite duration
±18
mA
RS-232 INPUT
Voltage Range
VI(SW)
-25
+25
V
Low
VTHR(L)
0.8
1.2
V
Voltage Threshold
High
VTHR(H)
VCC=+5.0V, TA=+25°С
2.0
2.7
V
Hysteresis
VHYS
VCC=+5.0V, TA=+25°С
0.2
0.5
1.0
V
Resistance
RI
TA=+25°С, -15V≤VIN≤+15V
3
5
8
kΩ
DYNAMIC CHARACTERISTICS
Propagation Delay, RS232 to TTL
tPD
1.5
µs
Instantaneous Slew Rate
SR
CL=220pF, RL=3kΩ-7kΩ; measured
from +3V ~ -3V or -3V ~ +3V
35
V/µs
Transition Region Slew Rate
SR
CL=2500pF, RL=3kΩ;measured from
+3V ~ -3V or -3V ~ +3V
10
V/µs
POWER REQUIREMENTS
No load, TA=+25°С; VCC=+5.0V
3.0
5.0
mA
VCC Power Supply Current
ICC
All transmitters RL=3kΩ, TA=+25°С
25
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com