Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3243L-P28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3243L-P28-R
Description  MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3243L-P28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3243L-P28-R Datasheet HTML 1Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 2Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 3Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 4Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 5Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 6Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 7Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 8Page - Unisonic Technologies UT3243L-P28-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3243
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-573.F
+3.0V TO +5.5V POWER
SUPPLY, 235KBPS,
MULTICHANNAEL RS-232 LINE
DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT3243 consists of 3 drivers and 5 receivers. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power
supply and a low-dropout transmitter combine to deliver true RS-232
performance from a single +3.0V ~ +5.5V power supply. A
guaranteed data rate of 120kbps provides compatibility with popular
software for communicating with PCs.
The UTC UT3243 achieves 1µA supply current in shutdown condition. When the UT3243 doesn’t detect a valid
signal level on its receiver inputs, the on-board power supply and drivers will shutdown, and when a valid level is
applied to any RS-232 receiver input, then the system turns on again. Therefore, the system saves power without
changes to the existing BIOS or operating system.
The UTC UT3243 requires only 0.1µF capacitors in 3.3V operation, and can operate from input voltages ranging
from +3.0V ~ +5.5V. It is ideal for 3.3V-only systems, 5.0V-only systems, or mixed 3.3V and 5.0V systems that
require true RS-232 performance.
The UTC UT3243 includes one complementary always-active receiver that can monitor an external device (such
as a modem) in shutdown, without forward biasing the protection diodes in a UART that may have VCC completely
removed.
FEATURES
* Operates With 3.0V ~ 5.5V Power Supply
* Three Drivers and Five Receivers
* Operates Up To 235 kbps
* Designed to Transmit at a Data Rate of 235 kbps
* Low Standby Current (1uA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
* Always-Active Non-inverting Receiver Output (R2OUTB)
* Serial-Mouse Drivability
* ESD(HBM) Protected ±8KV(MIN.)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT3243L-P28-T
UT3243G-P28-T
TSSOP-28
Tube
UT3243L-P28-R
UT3243G-P28-R
TSSOP-28
Tape Reel
UT3243L-R28-T
UT3243G-R28-T
SSOP-28
Tube
UT3243L-R28-R
UT3243G-R28-R
SSOP-28
Tape Reel
(1) R: Tape Reel
(2) P28: TSSOP-28, R28: SSOP-28
(3) L: Lead Free, G: Halogen Free
UT3243L-P28-R
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - UT3243L-P28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3243 UTC-UT3243 Datasheet
272Kb / 9P
3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
UT3243AG-P28-R UTC-UT3243AG-P28-R Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
UT3243AG-Q32-5050-R UTC-UT3243AG-Q32-5050-R Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
UT3243AG-R28-R UTC-UT3243AG-R28-R Datasheet
278Kb / 10P
DRIVERS/RECEIVERS
More results

Similar Description - UT3243L-P28-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP304 SIPEX-SP304 Datasheet
143Kb / 12P
RS-232/RS-422 Line Drivers/Receivers
logo
Unisonic Technologies
UT13243 UTC-UT13243 Datasheet
242Kb / 9P
3.0V TO 5.5V POWER SUPPLY, 235KBPS, MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT3223 UTC-UT3223 Datasheet
232Kb / 9P
MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com