Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA44-PZP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA44-PZP
Description  44 pin PLCC socket/44 pin PLCC plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA44-PZP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA44-PZP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
SY
T E M S
S
PA44-P(Z)P Data Sheet
Doc: 44PP.DOC
Rev 08/06/99
Page 1 of 1
Supported Device/Footprints
These adapters accepts 44 pin PLCC devices and plugs into 44
pin PLCC production sockets. Test points are provided near the
edges of the circuit board.
Socket
Plug
Mfgr
Device
Package
Device
Package
Many
44 pin
PLCC
44 pin
PLCC
Adapter Dimensions
PA44-PP
PA44-PZP
Adapter Construction
The adapter is made up of 2 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
The adapters described by this datasheet and their sub-
assemblies are:
Adapter
Test Socket
Board
PA44-PP
44-306
44-PP
PA44-PZP
44-400
44-PZP
Test Sockets
LSC #
Style
Mfgr/Pn
44-306
Auto-Eject
Yamaichi IC120-0444-306
44-400
Lidded ZIF
Yamaichi IC51-0444-400
Test Points
These adapters offer Test Points. The Test Points are rows of
plate-thru-holes (PTH) along the 4 edges of the adapter.
Grabbers may be used to hook onto the holes.
Alternately, 0.050” pitch 11 pin strips can be soldered into the
holes and connections made to the strip’s pins. A right angle
strip should be considered for easier access to the pins.
Adapter Wiring
This adapter is wired 1 to 1. Pin 1 of the socket is connected to
pin 1 of the plug. Pin 2 to pin 2 and so on around the adapter.
PA44-P(Z)P Data Sheet
44 pin PLCC socket/44 pin PLCC plug


Similar Part No. - PA44-PZP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PDZ ETC2-PA44-40-01-PDZ Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PDZ ETC2-PA44-40-33-PDZ Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-P64 ETC2-PA44-40-P64 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results

Similar Description - PA44-PZP

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CCS44-G-R ASSMANN-A-CCS44-G-R Datasheet
268Kb / 1P
PLCC SOCKET 44 PIN, GOLD
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
PLCC SOCKET 44 PIN, TIN
logo
List of Unclassifed Man...
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA17C42-PD ETC2-PA17C42-PD Datasheet
34Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DP ETC2-PA40-44-P64-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-X-DZ-PP ETC2-PA40-44-X-DZ-PP Datasheet
53Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com