Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA605 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA605
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA605 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA605 Datasheet HTML 9Page - NXP Semiconductors SA605 Datasheet HTML 10Page - NXP Semiconductors SA605 Datasheet HTML 11Page - NXP Semiconductors SA605 Datasheet HTML 12Page - NXP Semiconductors SA605 Datasheet HTML 13Page - NXP Semiconductors SA605 Datasheet HTML 14Page - NXP Semiconductors SA605 Datasheet HTML 15Page - NXP Semiconductors SA605 Datasheet HTML 16Page - NXP Semiconductors SA605 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
13 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
12. Test information
Fig 7.
SA605 45 MHz test circuit (relays as shown)
aaa-012966
mixer
IF amp
limiter
OSCILLATOR
RSSI
quad
detector
20
19
18
17
16
15
14
13
12
11
13
4
5
6
7
8
9
10
mute
switch
700 Ω
C23
C21
FL1
FL2
R17
5.1 kΩ
C18 C17
C9
C10
C11
C12
C13
R9
R10
R11
IFT1
C14
C26
‘C’ WEIGHTED
AUDIO
MEASUREMENT
CIRCUIT
C15
C16
1.3 kΩ
51.7 Ω
−36 dB,
156 kΩ/50 Ω pad
SW5
SW6
C19
32.8 Ω
71.5 Ω
96.5 Ω
−10.6 dB,
50 Ω/50 Ω pad
SW7
C20
51.5 Ω
−29 dB,
929 Ω/50 Ω pad
SW8
C22
32.6 Ω
96.5 Ω
−10.6 dB,
50 Ω/50 Ω pad
71.5 Ω
C24
3880 Ω
50.5 Ω
−25 dB,
1500 Ω/50 Ω pad
SW9
2
C7
L2
X1
C6
C8
L1
C1
C2
45 MHz
SW4
R8
39.2 Ω
R7
30.5 Ω
R6
178 Ω
ext.
LOC osc
44.545 MHz
SW3
C5
SW1
C4
SW2
C3
R2
R1
R3
mini-circuit
ZSC2-1B
45.06
MHz
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com