Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8040 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FST8040
Description  80 Amp Rectifier 20 to 45 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST8040 Datasheet(HTML) 1 Page - Micro Commercial Components

  FST8040 Datasheet HTML 1Page - Micro Commercial Components FST8040 Datasheet HTML 2Page - Micro Commercial Components FST8040 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Commercial Corp.
21201 Itasca St.
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
FST8020
THRU
FST8045
80 Amp
Rectifier
20 to 45 Volts
Features
Operating Temperature: -40
°C to +150°C
Storage Temperature: -40
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
FST8020
20V
14V
20V
FST8030
30V
21V
30V
FST8035
35V
24.5V
35V
FST8040
40V
28V
40V
FST8045
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
80 A
TA =
110°C
Peak Forward Surge
Current
IFSM
800A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
3 mA
TA = 25
°C
Typical Junction
Capacitance
CJ
2100pF Measured at
1.0MHz, VR=5.0V
DIMENSIONS
INCH ES
MM
B
.200
REF
5.08
REF
2PL
A
1.180
1.195
29.97
30.35
C
.027
.037
0.69
0.94
E
.350
.370
8.89
9.40
F
1.490
1.510
37.85
38.35
G
.695
.715
17.65
18.16
H
.088
.098
2.24
2.49
J
.240
.260
6.10
6.60
K
.115
.135
2.92
3.43
M
.065
.085
1.65
2.16
N
.151
.161
3.84
4.09
P
.015
.025
0.38
0.64
MCC
www.mccsemi.com
Schottky Barrier
Maximum Ratings
Metal of siliconrectifier, majonty carrier conducton
Guard ring for transient protection
Low power loss high efficiency
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
FST8020-8045
.63 V
F
A
E
P
M
B
G
H
J
C
K
L
.457
.477
11.61
12.12
MINIMOD
L
N
500 mA T
A = 125
°C
VF
IFM = 40.0A;
TA = 25
°C
MIN
MAX
MIN
MAX
NOTE
DIM


Similar Part No. - FST8040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8040 MICROSEMI-FST8040 Datasheet
142Kb / 2P
Schottky MiniMod
FST8040 MICROSEMI-FST8040 Datasheet
121Kb / 2P
Schottky MiniMod
FST8040SM1 MICROSEMI-FST8040SM1 Datasheet
124Kb / 2P
Schottky Power Surface Mount
FST8040SM2 MICROSEMI-FST8040SM2 Datasheet
124Kb / 2P
Schottky Power Surface Mount
FST8040SM3 MICROSEMI-FST8040SM3 Datasheet
124Kb / 2P
Schottky Power Surface Mount
More results

Similar Description - FST8040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8120SM MCC-FST8120SM Datasheet
674Kb / 3P
80 Amp Rectifier 20 to 100 Volts Schottky Barrier
FST8320SL MCC-FST8320SL Datasheet
667Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8420SL MCC-FST8420SL Datasheet
664Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR50020CT MCC-MBR50020CT Datasheet
147Kb / 3P
500 Amp Rectifier 20 to 45 Volts Schottky Barrier
SBL2030FCT MCC-SBL2030FCT Datasheet
384Kb / 2P
20 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Solid States Devices, I...
SSR8045N SSDI-SSR8045N Datasheet
204Kb / 2P
80 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR8045P SSDI-SSR8045P Datasheet
300Kb / 2P
80 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRL2045CT MCC-MBRL2045CT Datasheet
407Kb / 3P
45 Volts 20 Amp Low Schottky Barrier Rectifier
SR302 MCC-SR302_13 Datasheet
254Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com