Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8045 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FST8045
Description  80 Amp Rectifier 20 to 45 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST8045 Datasheet(HTML) 2 Page - Micro Commercial Components

  FST8045 Datasheet HTML 1Page - Micro Commercial Components FST8045 Datasheet HTML 2Page - Micro Commercial Components FST8045 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Junction Capacitance - pF versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
Amps
0
0.2
0.4
0.6
0.8
1.0
1.2
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
100
200
600
1000
2000
10000
pF
Volts
6000
4000
400
400
1000
TJ=25
°C
FST8020 thru FST8045
www.mccsemi.com
MCC
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
150
50
70
90
110
0
20
40
60
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
130
80
100
120
FST8020-45



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com